PART |
Description |
Maker |
PDZ16B PDZ3.6B PDZ3.0B PDZ3.3B |
Small plastic package suitable for surface mounted design
|
TY Semiconductor Co., Ltd
|
FPT-8P-M02 |
SMALL OUTLINE L-LEADED PACKAGE 8 PIN PLASTIC
|
Fujitsu Limited
|
DTA143ZUA-TP |
PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3
|
Micro Commercial Components, Corp.
|
BC556 BC558-BULK BC556-BULK |
TRANSISTOR 100 mA, 65 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92, PLASTIC PACKAGE-3, BIP General Purpose Small Signal
|
Vishay Semiconductors
|
DDTB114GC-7 |
500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3
|
Diodes, Inc.
|
BC558C-BULK |
100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PLASTIC PACKAGE-3
|
Vishay Intertechnology, Inc.
|
BAS70DW-05-7 |
0.07 A, 70 V, 4 ELEMENT, SILICON, SIGNAL DIODE ULTRA SMALL, PLASTIC PACKAGE-6
|
Diodes, Inc.
|
BAV23 |
Small plastic SMD package Switching speed: max. 50 ns General application
|
TY Semiconductor Co., Ltd
|
BZT52C33S-13 |
33 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ULTRA SMALL, PLASTIC PACKAGE-2
|
Diodes, Inc.
|
BZ5239CCN3 29A 29C BZ5239CA BZ5239CAN3 BZ5239CC |
Two ZD5239 diodes are encapsulated in a SOT-23 small plastic SMD package. Two different pinnings are available.
|
全宇昕科技股份有限公司 CYSTEKEC[Cystech Electonics Corp.]
|
1PS76SB10 |
Low forward volatge Guard ring protected Very small plastic SMD package.
|
TY Semiconductor Co., L...
|